Part Number Hot Search : 
LC75864E 14D431K L6232 C3040 580024 CS5524 SMBJ26A 40102
Product Description
Full Text Search
 

To Download A403S1MNZQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K A Series 1-4 Pole Rotary Switches
Features/Benefits * Multi-pole and multi-position * Positive detent * Shorting & non-shorting contacts * Panel and PCB mounting Typical Applications * Automotive * Major and small appliances * Industrial equipment
Models Available
Specifications
CONTACT RATING: Q contact material: Switch - 2.5 AMPS @ 125 V AC; 350 mA @ 125 V DC (UL/CSA). Carry - 5 AMPS continuous. See page L-6 for additional ratings. ELECTRICAL LIFE: 15,000 make-and-break cycles at full load up to 300,000 detent operations. CONTACT RESISTANCE: Below 20 m typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 10 9 min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. Operating and storage temp: -30 to 85C OPERATING & STORAGE TEMPERATURE: -30C to 85C
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Materials
HOUSING & BUSHING: Glass filled 6/6 nylon (UL 94V-0). ACTUATOR: Glass filled 6/6 nylon (UL 94V-0). MOVABLE CONTACTS: Q contact material: Coin silver, silver plated. See page L-6 for additional contact materials. STATIONARY CONTACTS & TERMINALS: Q contact material: Brass, silver plated. See page L-6 for additional contact materials. HARDWARE: Nut - zinc, nickel plated. Lockwasher -- steel, bright zinc plated. Stop Ring - brass, nickel plated. TERMINAL SEAL: Epoxy.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages L-4 through L-7. For additional options not shown in catalog, consult Customer Service Center.
L Rotary
Switch Function A100 SP, 30 Index, 12 pos. no stops A102 SPDT, 30 Index A103 SP, 30 Index, 3 pos. Actuator A104 SP, 30 Index, 4 pos. 15 1.500" high, flatted A105 SP, 30 Index, 5 pos. 03 .375" high, flatted A106 SP, 30 Index, 6 pos. 05 .500" high, flatted A107 SP, 30 Index, 7 pos. 14 1.500" high, flatted A108 SP, 30 Index, 8 pos. 42 1.654" high, metric A109 SP, 30 Index, 9 pos. S1 Screwdriver Slot A110 SP, 30 Index, 10 pos. A112 SP, 30 Index, 12 pos. Mounting Style A114 SP, 90 Index, 2 pos. R 3/8-32 threaded A115 SP, 45 Index, 3 pos. M M10 x .75 metric A124 SP, 90 Index, 4 pos. Shorting/ A125 SP, 45 Index, 8 pos. Non-shorting Contacts A203 DP, 30 Index, 3 pos. N Non-shorting contacts A204 DP, 30 Index, 4 pos. S Shorting contacts A205 DP, 30 Index, 5 pos. (Not available with models A114, A124 & A214) A206 DP, 30 Index, 6 pos. A214 DP, 90 Index, 2 pos. Terminations A303 3P, 30 Index, 3 pos. Z Solder lug A304 3P, 30 Index, 4 pos. C PC Thru-hole Contact Material A402 4PDT, 30 Index MC Modular base Q Silver A403 4P, 30 Index, 3 pos B Gold Seal G Gold over silver NONE No seal E Epoxy seal F Splashproof bushing seal K Epoxy & splashproof bushing seal
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
L-3
www.ittcannon.com
C&K A Series 1-4 Pole Rotary Switches
SWITCH FUNCTION
30 INDEXING NO. POLES MODEL NO. SWITCH FUNCTION 12 Position No Stops SPDT 3 Position 4 Position 5 Position 6 Position 7 Position 8 Position 9 Position 10 Position 12 Position 3 Position 4 Position 5 Position 6 Position 3 Position 4 Position
SP MODELS SCHEMATIC NO. POLES MODEL NO.
30 INDEXING SWITCH FUNCTION 4PDT 3 Position
TERMINALS
TERMINALS A,B,C,D,1,2,4,5,7, 8,10,11 All Terminals
A100 A102 A103 A104 A105
SP
A,1-12 4P A,1,2* A,1-3* DP MODELS SCHEMATIC A,1-4* A,1-5* A,1-6* NO. POLES
A402 A403
45 INDEXING MODEL NO. SWITCH FUNCTION 3 Position 8 Position
TERMINALS
A106 A107 A108 A109 A110 A112 A203
A115
A,1-7 A,1-8 3P MODELS SCHEMATIC A,1-9 SP
A,1,2,4* A,1,2,4,5,7,8,10,11
A125
90 INDEXING A,1-10 A,1-12 A,C,1-3,7-9 SP A,C,1-4,7-10 A,C,1-5,7-11 A,C,1-12 A,B,C,1-3,5-7 9-11 A,B,C,1-12 TERMINAL NUMBERS 4P MODELS SCHEMATIC DP NO. POLES MODEL NO. SWITCH FUNCTION 2 Position 4 Position 2 Position TERMINALS
A114 A124 A214
A,1,4* A,1,4,7,10 A,C,1,4,7,10
DP
A204 A205 A206
L
3P
A303 A304
Rotary
NOTE: * These models with `C' or `MC' terminations have additional terminal no. 9 as switch support only. This terminal is not connected electrically inside switch. All models with all options when ordered with `G' or `Q' contact material, see page L-6.
Terminal numbers molded on bottom of housing.
4P MODELS SP MODELS (omit terminals B, C & D) DP MODELS (omit terminals B & D)
3P MODELS
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
L-4
www.ittcannon.com
C&K A Series 1-4 Pole Rotary Switches
ACTUATOR
15
1.500" HIGH
03
.375" HIGH
05
.500" HIGH
14
1.500" HIGH
42
1.654" METRIC
S1
SCREWDRIVER SLOT
NOTE: Actuators shown in position 1, fully CCW.
MOUNTING STYLE
R
3/8-32 THREAD
M
M10 x .75 METRIC TYPICAL INSTALLATION
Maximum force to push on knob should not exceed 10 in./lbs.
NUT
L Rotary
LOCKWASHER
PANEL MOUNTING
PANEL MOUNTING
Install switch with stop ring (if used) and lockwasher in back of panel. Tighten hex nut from front of panel. On PC mounted switches, use hex nut and lockwasher to hold stop ring in place. Actuation torque: 8-16 oz./in. Maximum torque: 30 oz./in.
3/
8
IN. BUSHING
METRIC BUSHING
SHORTING/NON-SHORTING CONTACTS
N S
NON-SHORTING CONTACTS (break-before-make) SHORTING CONTACTS (make-before-break)
NOTE: `S' shorting contacts are not available with A114, A124 and A214 models.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
L-5
www.ittcannon.com
C&K A Series 1-4 Pole Rotary Switches
TERMINATIONS
Z
SOLDER LUG
C
PC THRU-HOLE
MC
MODULAR BASE (for wave soldering)
NOTE: Switches with `C' or `MC' terminations have additional terminal no. 9 as switch support only. This terminal is not connected electrically inside switch. Solder and clean switch base on PC board with other components, then snap on housing/actuator assembly. See page L-7 for installation instructions.
PC MOUNTING
L Rotary
4P MODEL SP MODEL (omit terminals B, C & D) DP MODEL (omit terminals B & D)
3P MODEL
CONTACT MATERIAL
OPTION CODE RoHS COMPLIANT* RoHS COMPATIBLE* CONTACT AND TERMINAL MATERIAL SILVER 2 GOLD 1 GOLD OVER SILVER 3
RATING SWITCH-2.5 AMPS @ 125 V AC; 350 mA @ 125V DC (UL/CSA). CARRY-5 AMPS CONTINUOUS. 0.4 VA MAX. @ 20 V AC or DC MAX 0.4 VA MAX. @ 20 V AC or DC MAX. or SWITCH-2.5 AMPS @ 125 V AC; 350 mA @ 125 V DC (UL/CSA). CARRY-5 AMPS CONTINUOUS.
Q B G
YES YES YES
YES YES YES
POWER LOW LEVEL/DRY CIRCUIT LOW LEVEL/DRY CIRCUIT OR POWER
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
1 2
MOVABLE CONTACTS: Copper alloy, with gold plate over nickel plate. STATIONARY CONTACTS & TERMINALS: Brass, with gold plate over nickel plate. MOVABLE CONTACTS: Coin silver, silver plated. STATIONARY CONTACTS & TERMINALS: Brass, silver plated (standard with all termination options). 3 MOVABLE CONTACTS: Coin silver, with gold plate over nickel plate over silver plate. STATIONARY CONTACTS & TERMINALS: Brass, with gold plate over nickel plate over silver plate.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All models
with all options when ordered with `G' or `Q' contact material.
NOTE: `G' contact material is equivalent to both `B' and `Q" contact materials.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
L-6
www.ittcannon.com
C&K A Series 1-4 Pole Rotary Switches
FUNCTION
NONE
NO SEAL
E
EPOXY SEAL
F
SPLASHPROOF BUSHING SEAL
K
EPOXY & SPLASHPROOF BUSHING SEAL
SPLASHPROOF BUSHING SEAL
Setting Stops on A112 and A125 Models The number of switch positions is adjustable on A112 and A125 models only by means of a stop ring provided with each switch. The number of positions is pre-set on all other models and the stop ring is factory installed. To set stops: Turn shaft fully counter-clockwise and insert stop ring tab in desired hole. Install lockwasher and nut to retain stop ring for both PC and panel mounting. Switch without stop ring has 12 positions.
Soldering, Cleaning and Assembly Instructions for `MC' Termination Option Soldering 1. Insert switch base only into PC board. 2. Do not bend terminals. 3. Wave soldering recommended at 500F solder temperature. 4. Hand solder at 500F, 10 sec. max./terminal. Switch Assembly 1. Hold housing/shaft assembly by housing. Remove protective cap by squeezing tabs and discard. (FIG. 1) 2. Do not push on switch shaft. Detent mechanism will come apart. 3. While holding switch housing, align locating tab on base with notch on housing and engage 4 housing latches in slots on base. (FIG. 2) 4. Push firmly on housing until latches snap in place. 5. Remove clip from shaft and discard. Assembly is complete. (FIG. 3) Cleaning 1. Flux clean using vapor degreaser and forced rinse or triple bath method. 2. Do not allow switch base to `trap' fluids. 3. Freon TMC, TF or Methylene Chloride give excellent results.
REMOVABLE CLIP
L Rotary
(FIG. 1)
LOCATING TAB
STANDOFF (FIG. 2) (FIG. 3)
AVAILABLE HARDWARE
Stop ring
PART NO.
767B00201
Material: Brass Finish: Nickel plated
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
L-7
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of A403S1MNZQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X